for further information contact your local stmicroelectronics sales office. june 2012 doc id 023295 rev 1 1/4 4 STEVAL-TLL010V1 driver for up to 6 white leds for display backlights based on the stla02 data brief features boost dc-dc converter drives up to 6 leds with a total current up to 20 ma output power capability up to 500 mw input voltage range 2.5 v to 18 v output current control 2.3 mhz switching frequency pwm input for the output current dimming with 300:1 dimming range 350 ma integrated switch overvoltage protection chip overtemperature detection and protection soft-start implemented rohs compliant description the STEVAL-TLL010V1 demonstration board is based on the stla02, a boost converter dedicated to powering and controlling the current of white leds in an lcd backlight. the device operates at a typical constant switching frequency of 2.3 mhz. it steps an input voltage ranging from 2.5 v to 18 v, up to 27 v. the output current is adjustable by the resistor rfb connected between the v out and fb pins. the stla02 device contains high-side sensing to simplify the pcb layout in terms of led connection. the output current is dimmable by the pwm signal applied to the en pin with minimum pwm frequency equal 100 hz. www.st.com
schematic STEVAL-TLL010V1 2/4 doc id 023295 rev 1 1 schematic figure 1. schematic ! - v 6 ) . , # / 5 4 % . 0 7 - # ) . 3 4 , ! 2 & |